Part Number Hot Search : 
NTXV1N MIC25 K500FEB IRF73 BC41B14 AUR9718 A3197LLT H1089
Product Description
Full Text Search
 

To Download MAAM-007796-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Low Noise FTTx Amplifier 50 - 1000 MHz
Features
* * * * * * Low Distortion Low Noise Figure Lead-Free 4 mm 20-Lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible
MAAM-007796 V1
Functional Schematic
RFIN
text
N/C
text
N/C
text
N/C
text
N/C
text
N/C
OUT_ STG1 N/C
N/C
Description
M/A-COM's MAAM-007796 is a GaAs PHEMT MMIC amplifier in a lead-free 4 mm 20-lead PQFN package. The Amplifier is designed to meet the high gain, high linearity and low noise requirements of FTTx receivers.
N/C
N/C
N/C
N/C IN_ STG2
text text text text text
RFOUT
N/C
N/C
N/C
N/C
N/C
Ordering Information 1
Part Number
MAAM-007796-TR1000 MAAM-007796-TR3000 MAAM-007796-000SMB
Pin Configuration 4
Package
1000 piece reel 3000 piece reel Sample Test Board (Includes 5 Samples)
Pin No.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Pin Name
N/C N/C N/C N/C RF Out N/C N/C N/C N/C N/C IN_STG2 N/C N/C N/C OUT_STG1 N/C N/C N/C N/C RF In
Description
No Connection No Connection No Connection No Connection RF Output No Connection No Connection No Connection No Connection No Connection STAGE2 RF INPUT No Connection No Connection No Connection STAGE1 RF OUTPUT No Connection No Connection No Connection No Connection RF Input
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,3
Parameter
Input Power Operating Voltage Operating Temperature Storage Temperature
Absolute Maximum
+5 dBm +10 volts -40C to +85C -65C to +150C
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
4. The exposed pad centered on the package bottom must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise FTTx Amplifier 50 - 1000 MHz MAAM-007796 V1
Electrical Specifications: TA = 25C, Freq: 50 - 1000 MHz, VDD = +5 Volts, Z0 = 75 ohms
Parameter
Gain Gain Flatness Noise Figure Input Return Loss Output Return Loss Output IP3 Composite Triple Beat, CTB Composite Second Order, CSO Cross modulation P1dB IDD
Test Conditions
RFIN to RFOUT RFIN to RFOUT RFIN to RFOUT RFIN RFOUT Two tones at 397 & 403 MHz, +5 dBm output per tone 132 Channels, +20 dBmV/Channel at the Output 132 Channels, +20 dBmV/Channel at the Output 132 Channels, +20 dBmV/Channel at the Output 400 MHz VDD = +5 Volts
Units
dB dB dB dB dB dBm dBc dBc dBc dBm mA
Min.
20 0 3 140
Typ.
21 0.4 3.8 15 15 35 -70 -70 -70 20 160
Max.
22 0.7 4.8 180
Test Circuit Schematic
Off-Chip Component Values 5
Component
C1-C3, C17, C22, C24-C25 L1 L3, L4 L5 L6 R1, R2
Value
0.01 F 5.6 nH 1.0 H 3.9 nH 4.7 nH 300
Package
0402
0402 1210 0402 0402 0402
5. L3 and L4 supplied from EPCOS, part number B82422A1102K100.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise FTTx Amplifier 50 - 1000 MHz
Typical Performance Curves
Gain vs. Frequency over Temperature to 1 GHz
24
+25C -40C +85C
MAAM-007796 V1
Gain vs. Frequency over Temperature to 3 GHz
30
+25C -40C +85C
23
25 20
22
15
21
10
20
5 0 0 500 1000 1500 2000 2500 3000
19 0 200 400 600 800 1000
Frequency (MHz)
Frequency (MHz)
Input Return Loss vs. Frequency over Temperature
-5
+25C -40C +85C
Output Return Loss vs. Frequency over Temperature
-5
+25C -40C +85C
-10
-10
-15
-15
-20
-20
-25
-25
-30 0 200 400 600 800 1000
-30 0 200 400 600 800 1000
Frequency (MHz)
Frequency (MHz)
Noise Figure vs. Frequency
5.0
+25C
4.5 4.0 3.5 3.0 2.5 2.0 0 200 400 600 800 1000
Frequency (MHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise FTTx Amplifier 50 - 1000 MHz
Lead-Free 4 mm 20-Lead PQFN
MAAM-007796 V1
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAAM-007796-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X